PART |
Description |
Maker |
0350409000 350409000 35040-9000 |
1.85mm (.070") Tab Terminal, Male, 16-18 AWG (1.31-0.80mm虏), (.012") ThicknessPre-Tin Plated 1.85mm (.070) Tab Terminal, Male, 16-18 AWG (1.31-0.80mm2), (.012) ThicknessPre-Tin Plated
|
Molex Electronics Ltd.
|
0351290500 35129-0500 |
1.85mm (.070) Tab, 6.00mm (.231) Pitch Wire-to-Wire TPA Retainer, 5 Circuits 1.85mm (.070) Tab, 6.00mm (.231) Pitch Wire-to-Wire TPA?/a> Retainer, 5 Circuits
|
Molex Electronics Ltd.
|
19023-0012 19025-0004 19022-0010 19022-0006 19023- |
.250X.032 MALE QD INSULKRIMP (MCT-2X) 2 mm2, TAB TERMINAL 190250004 0.8 mm2, TAB TERMINAL .250 X .032 MALE QD KRIMP/TAPE (AMCT-1T) 0.8 mm2, TAB TERMINAL .187 X .020 MALE QD KRIMPTITE (AMCT-17) 0.8 mm2, TAB TERMINAL .187X.020 MALE QD INSULKRIMP (MCT-27X) 2 mm2, TAB TERMINAL .250X.032 MALE QD AVIK. TAPED (CMCT-5T) 5 mm2, TAB TERMINAL .187X.020 MALE QD KRIMP.TAPED (MCT-17T) 2 mm2, TAB TERMINAL .250X.032 MALE QD AVIKRIMP (MCT-5)
|
Molex, Inc. MOLEX INC
|
19708-4033 |
.187 TAB PCB TERMINAL PLATED 197084033 BRASS, TIN LEAD FINISH, TAB TERMINAL
|
Amphenol, Corp.
|
SD-35182-0292 35182-0292 0351820292 |
1.78mm (.070) Tab 1.78mm (.070") Tab
|
http:// Molex Electronics Ltd.
|
0357980292 357980292 |
8.00mm (.315) Pitch Wire-to-Board Header, Vertical, 1.78mm (.070) Tab, 2 Circuits 8.00mm (.315") Pitch Wire-to-Board Header, Vertical, 1.78mm (.070") Tab, 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
35524-0920 0355240920 |
1.78mm (.070") Tab Multiple Male Housing With Ear, 9 Circuits 1.78mm (.070) Tab Multiple Male Housing With Ear, 9 Circuits
|
Molex Electronics Ltd.
|
0357980392 357980392 35798-0392 |
6.00mm (.236) Pitch Wire-to-Board Header, 1.78mm (.070) Tab, Vertical, Red, 3 Circuits 6.00mm (.236") Pitch Wire-to-Board Header, 1.78mm (.070") Tab, Vertical, Red, 3 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
15-97-9041 15-97-9061 |
TPA Pin; For Use With:4.20 mm Pitch Mini-Fit TPA 2 & 4 Circuit Plugs & Receptacles TAB TERMINAL 15979061 TAB TERMINAL
|
Molex, Inc.
|
0359650214 35965-0214 |
1.78mm (.070") Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, B-Type 1.78mm (.070) Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, B-Type
|
Molex Electronics Ltd.
|
|